PART |
Description |
Maker |
SA156 |
(SA154 - SA160) Fast silicon rectifier diodes
|
Semikron International
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
60HFU-600 60HFU 60HFU-100 60HFU-200 60HFU-300 60HF |
60 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AB Super Fast Rectifier Diodes(瓒?揩?存?浜??绠? 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB Super Fast Rectifier Diodes(超快整流二极 超快速整流二极管(超快整流二极管 SUPER FAST RECTIFER DIODE
|
VISHAY SEMICONDUCTORS International Rectifier, Corp. IRF[International Rectifier]
|
TFR4N TFR4T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
FR106-T FR107-B |
RECTIFIER FAST REC 800V 1A DO-41 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A FAST RECOVERY RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
CMR3U-01M10 CMR3U-04M CMR3U-02M CMR3U-10M CMR3U-06 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3 AMP SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS 3 A, 600 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
1N3913A 1N3912A 1N3909A 1N3910A 1N3911A 1N3910AR 1 |
Fast Rectifier (100-500ns) Fast Recovery Rectifier 50 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB Fast Recovery Rectifier 50 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
TVR1B TVR1J TVR1G |
Fast Recovery Diode Silicon Diffused Type TV Applications (fast recovery)
|
TOSHIBA
|
10BF20 10BF80 10BF10 10BF40 10BF60 10BF100 10BF100 |
DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Signal Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 1000V 1A Ultra-Fast Discrete Diode in a SMB package 100V 1A Ultra-Fast Discrete Diode in a SMB package 200V 1A Ultra-Fast Discrete Diode in a SMB package 400V 1A Ultra-Fast Discrete Diode in a SMB package 600V 1A Ultra-Fast Discrete Diode in a SMB package 800V 1A Ultra-Fast Discrete Diode in a SMB package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
ES3XB-13-F ES3X-13-F ES3C-13-F ES3B-13-F |
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 3A 150V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMC 3K/REEL-13 3 A, 150 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 100V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMC 3K/REEL-13 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
FFM202L FFM201L FFM203L FFM204L |
2 A, 400 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere 2 A, 200 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|